PART |
Description |
Maker |
HMHAA28006 HMHAA280 HMHA281 HMHA2801R1VNL |
4-Pin Half Pitch MFP Phototransistor Output Optocoupler 1 CHANNEL TRANSISTOR OUTPUT OPTOCOUPLER Half Pitch Mini-Flat Package 4-Pin Optocouplers
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
VHF15-16IO5 VHF15-08IO5 VHF15-12IO5 VHF15-14IO5 VH |
Power Modules/Rectifier Bridge Modules: Single Phase Half-control Bridges / Single Phase, Full-control Rectifier Bridges From old datasheet system Half Controlled Single Phase Rectifier Bridge(VRRM00-1600V的半桥控制单相位整流 Insulation Displacement (IDC) Connector; No. of Contacts:60; Contact Termination:IDC; Gender:Female; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Pitch Spacing:0.05" RoHS Compliant: Yes 15 A, 800 V, SCR Half Controlled Single Phase Rectifier Bridge 15 A, 1200 V, SCR
|
IXYS[IXYS Corporation] IXYS, Corp.
|
0452801603 45280-1603 |
3.00mm (.118) Pitch Micro-Fit 3.0 BMI CPI Compliant Pin Header, Blind Mate Interface, Dual Row MOLEX Connector
|
Molex Electronics Ltd.
|
0009521116 09-52-1116 A-2145-AA11B-102 |
3.96mm (.156) Pitch KK? PC Board Connector, Right Angle, Nylon Connector, 5.0μm (200μ) Tin (Sn), 11 Circuits 3.96mm (.156") Pitch KK庐 PC Board Connector, Right Angle, Nylon Connector, 5.0渭m (200渭") Tin (Sn), 11 Circuits 3.96mm (.156") Pitch KK垄莽 PC Board Connector, Right Angle, Nylon Connector, 5.0楼矛m (200楼矛") Tin (Sn), 11 Circuits MOLEX Connector
|
Molex Electronics Ltd.
|
ADT1210NA |
provides the interface between logic and IR signals for through-air, serial and half-duplex IR wireless data links
|
ADTech
|
IR53HD420 IR53HD420-P2 IR53H420 IR53H420-P2 |
HALF BRIDGE BASED PRPHL DRVR, PSIP7 SELF-OSCILLATING HALF BRIDGE(82.40 k) 500V Self-Oscilliating Half-Bridge Hybrid MOSFET and Gate Driver in a 9 Lead SIP w/o #5and8 package
|
IRF[International Rectifier]
|
0452801601 |
3.00mm (.118) Pitch Micro-Fit 3.0 BMI CPI?/a> Compliant Pin Header, Blind Mate Interface, Dual Row, Vertical, 16 Circuits, PA Polyamide Nylon 4/6, UL 94V-0, Tin (Sn) Over Nickel (Ni) Plating MOLEX Connector
|
Molex Electronics Ltd.
|
A6H-4101-P A6H-6101-P A6H A6H-2101 A6H-2101-P A6H- |
Half-pitch DIP Switch
|
Omron Electronics LLC
|
127113FB |
HALF PITCH ULTRA THIN D-SUB
|
SUYIN USA, INC.
|
0009481134 |
3.96mm (.156) Pitch KK? PC Board Connector, Right Angle, Polyester Connector, 5.0μm (200μ) Tin (Sn), 13 Circuits MOLEX Connector
|
Molex Electronics Ltd.
|
43045-1208 43045-1806 43045-1608 43045-2406 43045- |
Header; No. of Contacts:12; Pitch Spacing:3mm; No. of Rows:2; Series:Micro-Fit; Connector Body Material:Polymer; Mounting Type:PC Board; Terminal Type:Right Angle Surface Mount RoHS Compliant: Yes POWER CONNECTOR 430451806 POWER CONNECTOR 430451608 POWER CONNECTOR Microfit 3.0 RA SMT/Clip DR Tin 24 Ckt POWER CONNECTOR 430450206 POWER CONNECTOR
|
Molex, Inc.
|